Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0024TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0024TR
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0024TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0024TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0024TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0024TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0024TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V6
MASWSS0024
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss vs. Frequency
Return Loss vs. Frequency
Isolation vs. Frequency
MSOP-8-EP
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
Input Return Loss "ON State"
Output Return Loss "OFF state"
Frequency (GHz)
0.00
0.25
0.50
0.75
1.00
0.00.5
1.01.5
2.02.5
3.0
Frequency (GHz)
0
20
40
60
80
0.00.5
1.01.5
2.02.5
3.0
Frequency (GHz)


Similar Part No. - MASWSS0024TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024TR MACOM-MASWSS0024TR Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
MASWSS0024TR-3000 MACOM-MASWSS0024TR-3000 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024TR-3000 MA-COM-MASWSS0024TR-3000 Datasheet
170Kb / 4P
   SPDT High Isolation Terminated Switch
More results

Similar Description - MASWSS0024TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com