Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF158 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF158
Description  The Broadband RF TMOS짰 2W, 500MHz, 28V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF158 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF158 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF158 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
The Broadband RF TMOS
® Line
2W, 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF158
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
Designed for wideband large signal amplifier and oscillator
applications to 500MHz
N–Channel enhancement mode
Guaranteed 28 volt, 500 MHz performance
Output power = 2.0 watts
Minimum gain = 16 dB (Min.)
Efficiency = 55% (Typ.)
Facilitates manual gain control, ALC and modulation techniques
100% tested for load mismatch at all phase angles with 30:1 VSWR
Excellent thermal stability ideally suited for Class A operation


Similar Part No. - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
   TMOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
   TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
   The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
   The Broadband RF TMOS Line
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
   The Broadband RF TMOS짰
More results

Similar Description - MRF158

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
   The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
   The Broadband RF TMOS짰
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
   The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
   The RF MOSFET Line 20W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
   The RF MOSFET Line 20W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
   The RF MOSFET Line 40W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
   The RF MOSFET Line 100W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com