Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93663 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # S93663
Description  Precision Supply-Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93663 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button S93663 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 12Page - Summit Microelectronics, Inc. S93663 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
S93662/S93663
2012 2.1 8/2/00
Figure 8. RESET Timing Diagram
RESET CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
2.7
5 Volt-A
5 Volt-B
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
VTRIP
Reset Trip Point
2.55
2.7
4.25
4.5
4.50
4.75
V
tPURST
Power-Up Reset Timeout
130
270
130
270
130
270
ms
tRPD
VTRIP to RESET Output Delay
5
5
5
µs
VRVALID
RESET# Output Valid
1
1
1
V
tGLITCH
Glitch Reject Pulse Width
30
30
30
ns
VOLRS
RESET# Output Low Voltage IOL=1mA
0.4
0.4
0.4
V
VOHRS
RESET Output High IOH
VCC-.75
VCC-.75
VCC-.75
V
2012 PGM T1 1.1
VCC
VRVALID
VTRIP
tPURST
RESET#
RESET
2012 T fig08 2.0
tGLITCH
tRPD
tPURST
tRPD


Similar Part No. - S93663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S93663 ETC-S93663 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93663P2.7 ETC-S93663P2.7 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93663P2.7T ETC-S93663P2.7T Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93663PA ETC-S93663PA Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93663PAT ETC-S93663PAT Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
More results

Similar Description - S93663

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com