Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF680N10T Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDPF680N10T
Description  N-Channel PowerTrench짰 MOSFET 100V, 12A, 68m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF680N10T Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDPF680N10T Datasheet HTML 1Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 2Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 3Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 4Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 5Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 6Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 7Page - Fairchild Semiconductor FDPF680N10T Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDPF680N10T Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDPF680N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF680N10T ISC-FDPF680N10T Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF680N10T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB120N10 FAIRCHILD-FDB120N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com