Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP8440 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP8440
Description  N-Channel PowerTrench짰 MOSFET 40V, 277A, 2.2m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8440 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDP8440 Datasheet HTML 1Page - Fairchild Semiconductor FDP8440 Datasheet HTML 2Page - Fairchild Semiconductor FDP8440 Datasheet HTML 3Page - Fairchild Semiconductor FDP8440 Datasheet HTML 4Page - Fairchild Semiconductor FDP8440 Datasheet HTML 5Page - Fairchild Semiconductor FDP8440 Datasheet HTML 6Page - Fairchild Semiconductor FDP8440 Datasheet HTML 7Page - Fairchild Semiconductor FDP8440 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FDP8440 Rev. A6
Mechanical Dimensions
TO-220


Similar Part No. - FDP8440

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP8440 ISC-FDP8440 Datasheet
356Kb / 3P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP8440

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8460 FAIRCHILD-FDMS8460 Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 49A, 2.2m廓
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDB8443 FAIRCHILD-FDB8443_11 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com