Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP054N10 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP054N10
Description  N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP054N10 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP054N10 Datasheet HTML 1Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 2Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 3Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 4Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 5Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 6Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 7Page - Fairchild Semiconductor FDP054N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDP054N10 Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-80
-40
0
40
80
120
160
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. VGS = 0V
2. ID = 10mA
TJ, Junction Temperature [
o
C]
-80
-40
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
2.4
* Notes :
1. VGS = 10V
2. ID = 75A
TJ, Junction Temperature [
o
C]
25
50
75
100
125
150
175
0
50
100
150
Limitted by package
TC, Case Temperature [
o
C]
0.1
1
10
100
0.01
0.1
1
10
100
1000
10μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
200
DC
10
-5
10
-4
10
-3
10
-2
10
-1
110
0.001
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
* Notes :
1. ZθJC(t) = 0.57
o
C/W Max.
2. Duty Factor, D=t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - FDP054N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP054N10 ISC-FDP054N10 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
More results

Similar Description - FDP054N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDB8444 FAIRCHILD-FDB8444_10 Datasheet
344Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB120N10 FAIRCHILD-FDB120N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com