Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF15N40 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDPF15N40
Description  N-Channel MOSFET 400V, 15A, 0.3廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF15N40 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDPF15N40 Datasheet HTML 1Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 2Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 3Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 4Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 5Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 6Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 7Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 8Page - Fairchild Semiconductor FDPF15N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDP15N40 / FDPF15N40 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
L
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
F o r w a r d V o l t a ge D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
LL
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
F o r w a r d V o l t a ge D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDPF15N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF15N40 ISC-FDPF15N40 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF15N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40 UTC-15N40 Datasheet
220Kb / 6P
   15A, 400V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP24N40 FAIRCHILD-FDP24N40 Datasheet
279Kb / 9P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP24N40 FAIRCHILD-FDP24N40_12 Datasheet
281Kb / 8P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
   N-Channel MOSFET 400V, 26A, 0.16廓
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDMC15N06 FAIRCHILD-FDMC15N06 Datasheet
619Kb / 8P
   N-Channel MOSFET 55V, 15A, 0.090廓
FDA24N40F FAIRCHILD-FDA24N40F Datasheet
682Kb / 8P
   N-Channel MOSFET, FRFET 400V, 23A, 0.19廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com