Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS6681Z Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMS6681Z
Description  P-Channel PowerTrench짰MOSFET -30 V, -49 A, 3.2 m��
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS6681Z Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMS6681Z Datasheet HTML 1Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 2Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 3Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 4Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 5Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 6Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2009 Fairchild Semiconductor Corporation
FDMS6681Z Rev.C4
Figure 7.
0
50
100
150
200
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -22.1 A
VDD = -15 V
VDD = -20 V
VDD = -10 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
600
1000
10000
20000
f = 1 MHz
VGS = 0 V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
Capacitance vs Drain
to Source Voltage
Figure 9. Unclamped Inductive
SwitchingCapability
0.001
0.01
0.1
1
10
100
1
50
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
100
Figure 10.
0
5
10
15
20
25
30
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
VGS = 0 V
TJ = 25 oC
TJ = 150 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Igss vs Vgss
Figure 11.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
10 s
1 s
DC
100 ms
10 ms
1 ms
-VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
R JA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
SINGLE PULSE
R
JA = 125
oC/W
TA = 25
oC
V
GS = -10 V
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMS6681Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS6673BZ FAIRCHILD-FDMS6673BZ Datasheet
283Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -28 A, 6.8 m?
More results

Similar Description - FDMS6681Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
logo
ON Semiconductor
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
   MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
logo
Renesas Technology Corp
UPA2739T1A RENESAS-UPA2739T1A Datasheet
149Kb / 7P
   P-channel MOSFET -30 V, -85 A, 2.8 m
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
   P-channel MOSFET -30 V, -11 A, 13 m
UPA2815T1S RENESAS-UPA2815T1S Datasheet
189Kb / 7P
   P-channel MOSFET-30 V, ??1 A, 11 m
UPA2735GR RENESAS-UPA2735GR Datasheet
188Kb / 8P
   P-channel MOSFET -30 V, -16 A, 5.0 m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com