Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC86102 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMC86102
Description  N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86102 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMC86102 Datasheet HTML 1Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 2Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 3Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 4Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 5Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 6Page - Fairchild Semiconductor FDMC86102 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2009
©2009 Fairchild Semiconductor Corporation
FDMC86102 Rev.C
www.fairchildsemi.com
1
FDMC86102
N-Channel Power Trench® MOSFET
100 V, 20 A, 24 m
Features
Max rDS(on) = 24 mΩ at VGS = 10 V, ID = 7 A
Max rDS(on) = 38 mΩ at VGS = 6 V, ID = 5 A
Low Profile - 1 mm max in Power 33
100% UIL Tested
RoHS Compliant
General Description
This
N-Channel
MOSFET
is
produced using Fairchild
Semiconductor‘s advanced Power Trench® process that has
been especially tailored to minimize the on-state resistance and
yet maintain superior switching performance.
Application
DC - DC Conversion
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
20
A
-Continuous (Silicon limited)
TC = 25 °C
29
-Continuous
TA = 25 °C
(Note 1a)
7
-Pulsed
30
EAS
Single Pulse Avalanche Energy
(Note 3)
72
mJ
PD
Power Dissipation
TC = 25 °C
41
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.3
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
53
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMC86102
FDMC86102
Power 33
13’’
12 mm
3000 units
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
Top
Power 33
Bottom
D
D
D
D
S
S
S
G
Pin 1


Similar Part No. - FDMC86102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102 FAIRCHILD-FDMC86102_12 Datasheet
283Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
More results

Similar Description - FDMC86102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86102 FAIRCHILD-FDMC86102_12 Datasheet
283Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
FDMC8651 FAIRCHILD-FDMC8651 Datasheet
300Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 20 A, 6.1 m廓
FDMS86102LZ FAIRCHILD-FDMS86102LZ Datasheet
306Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 22 A, 25 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
FDS86106 FAIRCHILD-FDS86106 Datasheet
262Kb / 6P
   N-Channel Power Trench짰 MOSFET 100 V, 3.4 A, 105 m廓
FDMC6675BZ FAIRCHILD-FDMC6675BZ Datasheet
291Kb / 7P
   P-Channel Power Trench짰 MOSFET -30 V, -20 A, 14.4 m廓
FDMC7660S FAIRCHILD-FDMC7660S Datasheet
377Kb / 8P
   N-Channel Power Trench짰 SyncFET 30 V, 20 A, 2.2 m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS86101DC FAIRCHILD-FDMS86101DC Datasheet
291Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 100 V, 60 A, 7.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com