Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST9402 Datasheet(PDF) 2 Page - Stanson Technology

Part # ST9402
Description  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST9402 Datasheet(HTML) 2 Page - Stanson Technology

  ST9402 Datasheet HTML 1Page - Stanson Technology ST9402 Datasheet HTML 2Page - Stanson Technology ST9402 Datasheet HTML 3Page - Stanson Technology ST9402 Datasheet HTML 4Page - Stanson Technology ST9402 Datasheet HTML 5Page - Stanson Technology ST9402 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST9402
N Channel Enhancement Mode MOSFET
3.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST9402 2005. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±
12
V
Continuous Drain CurrentTJ=150℃)
TA=25℃
TA=70℃
ID
3.2
2.6
A
Pulsed Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)
IS
1.6
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
100
/W


Similar Part No. - ST9402

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST9401 STANSON-ST9401 Datasheet
362Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST9401 VBSEMI-ST9401 Datasheet
470Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Stanson Technology
ST9401SRG STANSON-ST9401SRG Datasheet
362Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST9401SRG VBSEMI-ST9401SRG Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - ST9402

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com