Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC7664 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMC7664
Description  N-Channel PowerTrench짰 MOSFET 30 V, 18.8 A, 4.2 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7664 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMC7664 Datasheet HTML 1Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 2Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2009 Fairchild Semiconductor Corporation
FDMC7664 Rev.B
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.3
0.6
0.9
1.2
0
15
30
45
60
V
GS = 6 V
V
GS = 3.5 V
V
GS = 4.5 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
V
GS = 4 V
V
GS = 3 V
V
GS = 10 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
15304560
0
1
2
3
4
5
V
GS = 6 V
V
GS = 3.5 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS =4 V
V
GS = 4.5 V
V
GS = 3 V
V
GS =10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 18.8 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE
(oC)
vs Junction Temperature
Figure 4.
24
68
10
0
3
6
9
12
TJ = 125 oC
ID = 18.8 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
3
4
0
15
30
45
60
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80
Ps
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMC7664

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660DC FAIRCHILD-FDMC7660DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMC7660S FAIRCHILD-FDMC7660S Datasheet
377Kb / 8P
   N-Channel Power Trench짰 SyncFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com