Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFLCT0081 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFLCT0081
Description  CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFLCT0081 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFLCT0081 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFLCT0081 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFLCT0081 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFLCT0081 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CATV Bandpass Filter
50 - 870 / 975 - 1025 / 1125 - 1425MHz
MAFLCT0081
V1P
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
50 Ohm
SMT unit
RoHS* Compliant
Description
M/A-COM’s MAFLCT0081 is a surface mount
Bandpass filter unit designed for MoCA applica-
tions.
Functional Schematic
Pin Configuration
Function
Pin Number
Input Port
1
Output Port
2
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
RF Power
250mW
DC Current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAFLCT0081

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0081 MACOM-MAFLCT0081 Datasheet
77Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
logo
M/A-COM Technology Solu...
MAFLCT0081 MA-COM-MAFLCT0081 Datasheet
82Kb / 4P
   CATV Bandpass Filter
MAFLCT0081 MA-COM-MAFLCT0081_15 Datasheet
82Kb / 4P
   CATV Bandpass Filter
More results

Similar Description - MAFLCT0081

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0081 MACOM-MAFLCT0081 Datasheet
77Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
logo
Pulse A Technitrol Comp...
CX6157NL PULSE-CX6157NL Datasheet
413Kb / 2P
   Diplexer 50-870/975-1025 MHz
C6201SNL PULSE-C6201SNL Datasheet
468Kb / 2P
   Diplexer 975-1025 / 1125-1525 MHz
logo
Tyco Electronics
MAFL-007898-CD0AC0 MACOM-MAFL-007898-CD0AC0 Datasheet
90Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
logo
M/A-COM Technology Solu...
MAFL-007898-CD0AC0 MA-COM-MAFL-007898-CD0AC0 Datasheet
82Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
MAFL-008070-CL0AD0 MA-COM-MAFL-008070-CL0AD0 Datasheet
65Kb / 3P
   CATV MoCA Low Pass Filter 50 - 870/ 975 - 1525 MHz
logo
KR Electronics, Inc.
3306-1025-90 KR-3306-1025-90 Datasheet
72Kb / 3P
   1025 MHz Bandpass Filter
logo
Pulse A Technitrol Comp...
CX6155NL PULSE-CX6155NL Datasheet
110Kb / 2P
   Diplexer 5-865/975-1025 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225180Y1T WALSIN-RFBPF3225180Y1T Datasheet
795Kb / 8P
   975 ~ 1025 MHz Band RF Application
logo
M/A-COM Technology Solu...
MAFLCT0081 MA-COM-MAFLCT0081_15 Datasheet
82Kb / 4P
   CATV Bandpass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com