Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8F22721B Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN8F22721B
Description  8-Bit Micro-Controller
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F22721B Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN8F22721B Datasheet HTML 6Page - SONiX Technology Company SN8F22721B Datasheet HTML 7Page - SONiX Technology Company SN8F22721B Datasheet HTML 8Page - SONiX Technology Company SN8F22721B Datasheet HTML 9Page - SONiX Technology Company SN8F22721B Datasheet HTML 10Page - SONiX Technology Company SN8F22721B Datasheet HTML 11Page - SONiX Technology Company SN8F22721B Datasheet HTML 12Page - SONiX Technology Company SN8F22721B Datasheet HTML 13Page - SONiX Technology Company SN8F22721B Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
SN8F2270B Series
USB 2.0 Low-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 10
Version 1.2
1.4 PIN DESCRIPTIONS
PIN NAME
TYPE
DESCRIPTION
VDD, VSS
P
Power supply input pins for digital circuit.
P0.0/INT0
I/O
P0.0: Port 0.0 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
Built wakeup function.
INT0: External interrupt 0 input pin.
P0.1/INT1
I/O
P0.1: Port 0.1 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
Built wakeup function.
INT1: External interrupt 1 input pin.
P0.2
I/O
P0.2: Port 0.2 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
Built wakeup function.
P1[5:0]
I/O
P1: Port 1 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
Built wakeup function.
P1.6/RST
I/O
RST is system external reset input pin under Ext_RST mode, Schmitt trigger
structure, active “low”, and normal stay to “high”.
P1.6: Port 1.6 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
Built wakeup function.
P5.0/SCK
I/O
P5.0: Port 5.0 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
SCK: SIO output clock pin.
P5.1 /SDI
I/O
P5.1: Port 5.1 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
SDI: SIO data input pin.
P5.2/SDO
I/O
P5.2: Port 5.2 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
SDO: SIO data output pin.
P5.3/PWM0
I/O
P5: Port 5 bi-direction pin.
Schmitt trigger structure and built-in pull-up resisters as input mode.
PWM0: PMW output pin.
VREG25
P
2.5V power pin. Please connect 1uF capacitor to GND.
VREG33
P
3.3V power pin. Please connect XuF capacitor to GND. X=1~10.
D+, D-
I/O
USB differential data line.


Similar Part No. - SN8F22721B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
More results

Similar Description - SN8F22721B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com