Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCW1643US-65 Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # SCW1643US-65
Description  High Flux Type LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SCW1643US-65 Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SCW1643US-65 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SCW1643US-65 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
SCW1643US-50
SCW1643US-65
Page 7
2009.5.30
High Flux Type LED
Spatial Distribution Example
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 300mA
Wavelength [nm]
Condition : Ta = 25℃
SCW16□3US Series
10
100
1000
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
0
100
200
300
400
500
Technical Data (High Efficiency Type)


Similar Part No. - SCW1643US-65

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1631-100FCR MA-COM-SCW1631-100FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100LCR MA-COM-SCW1631-100LCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100R MA-COM-SCW1631-100R Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100SCR MA-COM-SCW1631-100SCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1631-100STR MA-COM-SCW1631-100STR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results

Similar Description - SCW1643US-65

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140UY1C FORYARD-FYLF-1140UY1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1860UW1C FORYARD-FYLF-1860UW1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UY1C FORYARD-FYLF-1110UY1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1130UW1C FORYARD-FYLF-1130UW1C_15 Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1130UW1C-UWW FORYARD-FYLF-1130UW1C-UWW Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1140UB1C FORYARD-FYLF-1140UB1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1140UW1C FORYARD-FYLF-1140UW1C_15 Datasheet
405Kb / 7P
   Flux LED Type
FYLF-1860PG1C FORYARD-FYLF-1860PG1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1860UR1C FORYARD-FYLF-1860UR1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UB1C FORYARD-FYLF-1110UB1C Datasheet
404Kb / 7P
   Flux LED Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com