Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMDCC0002-DC000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002-DC000
Description  Dual Linear Driver for Vector Modulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002-DC000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002-DC000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002-DC000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dual Linear Driver for Vector Modulators
Rev. V7
MADRCC0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
4x6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - MAMDCC0002-DC000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMDCC0002-DC000 MACOM-MAMDCC0002-DC000 Datasheet
340Kb / 5P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
130Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - MAMDCC0002-DC000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MADRCC0002 MACOM-MADRCC0002 Datasheet
340Kb / 5P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002_15 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
logo
Merrimac Industries, In...
VMP-2R-10B MERRIMAC-VMP-2R-10B Datasheet
84Kb / 1P
   VECTOR I&Q MODULATORS
VMP-2S-1.5B MERRIMAC-VMP-2S-1.5B Datasheet
94Kb / 1P
   VECTOR I&Q MODULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com