Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V598IQ100 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16V598IQ100
Description  2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V598IQ100 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16V598IQ100 Datasheet HTML 4Page - Exar Corporation XR16V598IQ100 Datasheet HTML 5Page - Exar Corporation XR16V598IQ100 Datasheet HTML 6Page - Exar Corporation XR16V598IQ100 Datasheet HTML 7Page - Exar Corporation XR16V598IQ100 Datasheet HTML 8Page - Exar Corporation XR16V598IQ100 Datasheet HTML 9Page - Exar Corporation XR16V598IQ100 Datasheet HTML 10Page - Exar Corporation XR16V598IQ100 Datasheet HTML 11Page - Exar Corporation XR16V598IQ100 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
XR16V598
8
2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
REV. 1.0.3
2.4
INT# Ouput
The INT# interrupt output changes according to the operating mode and enhanced features setup. Table 2
and 3 summarize the operating behavior for the transmitter and receiver.
2.5
Crystal Oscillator
The 598 includes an on-chip oscillator. The crystal oscillator provides the system clock to the Baud Rate
Generators (BRG) in each of the 8 UARTs, the 16-bit general purpose timer/counter and internal logics. XTAL1
is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. For programming
details, see “Section 2.6, Programmable Baud Rate Generator with Fractional Divisor” on page 9.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 3). Alternatively, an external
clock can be connected to the XTAL1 pin to clock the internal 8 baud rate generators for standard or custom
rates. The typical oscillator connections are shown in Figure 3. For further reading on oscillator circuit please
see application note DAN108 on EXAR’s web site.
TABLE 2: INT# PIN OPERATION FOR TRANSMITTER
Auto RS485
Mode
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
NO
HIGH = a byte in THR
LOW = THR empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or FIFO empty
YES
HIGH = a byte in THR
LOW = transmitter empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or transmitter empty
TABLE 3: INT# PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
HIGH = no data
LOW = 1 byte
HIGH = FIFO below trigger level
LOW = FIFO above trigger level
FIGURE 3. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47pF
C2
22-47pF
24 MHz
XTAL1
XTAL2
R=300K to 400K


Similar Part No. - XR16V598IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554D EXAR-XR16V554D Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554D EXAR-XR16V554D Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554DIV EXAR-XR16V554DIV Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16V598IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V798 EXAR-XR16V798_08 Datasheet
1Mb / 56P
   HIGH PERFORMANCE 2.25V TO 3.6V OCTAL UART WITH FRACTIONAL
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com