Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V554 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16V554
Description  2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V554 Datasheet(HTML) 1 Page - Exar Corporation

  XR16V554 Datasheet HTML 1Page - Exar Corporation XR16V554 Datasheet HTML 2Page - Exar Corporation XR16V554 Datasheet HTML 3Page - Exar Corporation XR16V554 Datasheet HTML 4Page - Exar Corporation XR16V554 Datasheet HTML 5Page - Exar Corporation XR16V554 Datasheet HTML 6Page - Exar Corporation XR16V554 Datasheet HTML 7Page - Exar Corporation XR16V554 Datasheet HTML 8Page - Exar Corporation XR16V554 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16V554/554D
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
SEPTEMBER 2007
REV. 1.0.2
GENERAL DESCRIPTION
The
XR16V554
(V554)
is
a
quad
Universal
Asynchronous Receiver and Transmitter (UART) with
16 bytes of transmit and receive FIFOs, selectable
receive FIFO trigger levels and data rates of up to 4
Mbps at 3.3 V. Each UART has a set of registers that
provide the user with operating status and control,
receiver error indications, and modem serial interface
controls. An internal loopback capability allows
onboard diagnostics. The V554 is available in a 48-
pin QFN, 64-pin LQFP, 68-pin PLCC and 80-pin
LQFP packages. The 64-pin and 80-pin packages
only offer the 16 mode interface, but the 48- and 68-
pin packages offer an additional 68 mode interface
which
allows
easy
integration
with
Motorola
processors. The XR16V554IV (64-pin) offers three
state
interrupt
output
while
the
XR16V554DIV
provides continuous interrupt output. The XR16V554
is compatible with the industry standard ST16C554.
FEATURES
Pin-to-pin compatible with ST16C454, ST16C554,
TI’s TL16C554A and Philip’s SC16C554B
Intel or Motorola Data Bus Interface select
Four independent UART channels
Register Set Compatible to 16C550
Data rates of up to 4 Mbps at 3.3 V and 3.125
Mbps at 2.5 V
16 byte Transmit FIFO
16 byte Receive FIFO with error tags
4 Selectable RX FIFO Trigger Levels
Full modem interface
2.25V to 3.6V supply operation
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. XR16V554 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc / Buffer
Data Bus
Interface
UART Channel A
16 Byte TX FIFO
16 Byte RX FIFO
BRG
TX & RX
UART
Regs
2.25V to 3.6 V VCC
GND
554BLK
TXB, RXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
TXRDY#A-D
RXRDY#A-D
UART Channel C
(same as Channel A)
TXA, RXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD
* 5 Volt Tolerant Inputs
( Except XTAL1input)


Similar Part No. - XR16V554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554D EXAR-XR16V554D Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554DIV EXAR-XR16V554DIV Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554IJ EXAR-XR16V554IJ Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554IL EXAR-XR16V554IL Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16V554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com