Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6770A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD6770A
Description  N-Channel PowerTrench짰 MOSFET 25 V, 4.0 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6770A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD6770A Datasheet HTML 1Page - Fairchild Semiconductor FDD6770A Datasheet HTML 2Page - Fairchild Semiconductor FDD6770A Datasheet HTML 3Page - Fairchild Semiconductor FDD6770A Datasheet HTML 4Page - Fairchild Semiconductor FDD6770A Datasheet HTML 5Page - Fairchild Semiconductor FDD6770A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.fairchildsemi.com
5
©2009 Fairchild Semiconductor Corporation
FDD6770A Rev.C
Figure 13. Junction-to-Case Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
1
0.01
0.1
1
SINGLE PULSE
RθJC = 3.0
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJc + TC
Figure 14.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.005
0.001
0.01
0.1
1
SINGLE PULSE
RθJA = 96
o
C/W
(Note 1b)
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDD6770A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6770A ISC-FDD6770A Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6770A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6778A FAIRCHILD-FDD6778A Datasheet
319Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 14.0 m廓
FDD6780A FAIRCHILD-FDD6780A Datasheet
336Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 8.6 m廓
FDD6776A FAIRCHILD-FDD6776A Datasheet
337Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 7.5 m廓
FDD6796A FAIRCHILD-FDD6796A Datasheet
325Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 5.7 m廓
FDD6760A FAIRCHILD-FDD6760A Datasheet
329Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 3.2 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com