Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M770IB25 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR16M770IB25
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M770IB25 Datasheet(HTML) 2 Page - Exar Corporation

  XR16M770IB25 Datasheet HTML 1Page - Exar Corporation XR16M770IB25 Datasheet HTML 2Page - Exar Corporation XR16M770IB25 Datasheet HTML 3Page - Exar Corporation XR16M770IB25 Datasheet HTML 4Page - Exar Corporation XR16M770IB25 Datasheet HTML 5Page - Exar Corporation XR16M770IB25 Datasheet HTML 6Page - Exar Corporation XR16M770IB25 Datasheet HTML 7Page - Exar Corporation XR16M770IB25 Datasheet HTML 8Page - Exar Corporation XR16M770IB25 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
XR16M770
2
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
REV. 1.0.0
FIGURE 2. PIN OUT ASSIGNMENT FOR 24-PIN QFN, 32-PIN QFN AND 25-BGA PACKAGES
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XR16M770IL24
24-Pin QFN
-40°C to +85°C
Active
XR16M770IL32
32-Pin QFN
-40°C to +85°C
Active
XR16M770IB25
25-Pin BGA
-40°C to +85°C
Active
24-pin QFN
1
234
56
11
12
7
10
8
9
18 17 16 15 14 13
20
19
24
21
23
22
D2
D1
D0
VCC
D3
D4
IOW#
GND
IOR#
A2
CLK
PwrSave
1 2
3 4
5
A
B
C
D
E
Transparent Top View
A1 Corner
CTS#
RESET
INT
A1
A2
VCC
DTR#
RTS#
A0
IOR#
D0
D6
D7
DSR#
IOW#
D3
D1
TX
CS#
XTAL1
D4
D2
D5
RX
GND
1
234
5
6 78
24 23 22 21 20 19 18 17
32
31
30
29
28
27
26
25
11
12
13
14
15
16
9
10
1
2
#
#
RI#
D3
D2
D1
D0
VCC
DSR#
CD#
XTAL
XTAL
IOW
GND
IOR
NC
NC
NC
32-pin QFN


Similar Part No. - XR16M770IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M770IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com