Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M580IL32 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16M580IL32
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M580IL32 Datasheet(HTML) 5 Page - Exar Corporation

  XR16M580IL32 Datasheet HTML 1Page - Exar Corporation XR16M580IL32 Datasheet HTML 2Page - Exar Corporation XR16M580IL32 Datasheet HTML 3Page - Exar Corporation XR16M580IL32 Datasheet HTML 4Page - Exar Corporation XR16M580IL32 Datasheet HTML 5Page - Exar Corporation XR16M580IL32 Datasheet HTML 6Page - Exar Corporation XR16M580IL32 Datasheet HTML 7Page - Exar Corporation XR16M580IL32 Datasheet HTML 8Page - Exar Corporation XR16M580IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
XR16M580
5
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
RX
6
7
E4
I
UART Receive Data or infrared receive data. Normal receive data
input must idle at logic 1 condition. The infrared receiver idles at
logic 0. This input should be connected to VCC when not used.
RTS#
21
32
B3
O
UART Request-to-Send (active low) or general purpose output.
This output must be asserted prior to using auto RTS flow control,
see EFR[6], MCR[1] and IER[6].
CTS#
24
38
A1
I
UART Clear-to-Send (active low) or general purpose input. It can
be used for auto CTS flow control, see EFR[7], MSR[4] and IER[7].
This input should be connected to VCC when not used.
DTR#
22
33
-
O
UART Data-Terminal-Ready (active low) or general purpose output.
DSR#
25
39
-
I
UART Data-Set-Ready (active low) or general purpose input. This
input should be connected to VCC when not used.
CD#
26
40
-
I
UART Carrier-Detect (active low) or general purpose input. This
input should be connected to VCC when not used.
RI#
27
41
-
I
UART Ring-Indicator (active low) or general purpose input. This
input should be connected to VCC when not used.
ANCILLARY SIGNALS
XTAL1
10
14
D5
I
Crystal or external clock input.
XTAL2
11
15
-
O
Crystal or buffered clock output.
PwrSave
9
13
C4
I
Power-Save (active high). This feature isolates the M580’s data bus
interface from the host preventing other bus activities that cause
higher power drain during sleep mode. See Sleep Mode with Auto
Wake-up and Power-Save Feature section for details. This pin does
not have an internal pull-down resistor. This input should be con-
nected to GND when not used.
16/68#
2
1
B2
I
Intel or Motorola Bus Select. When 16/68# pin is at logic 1, 16 or
Intel Mode, the device will operate in the Intel bus type of interface.
When 16/68# pin is at logic 0, 68 or Motorola mode, the device will
operate in the Motorola bus type of interface. This pin does not
have an internal pull-up or pull-down resistor.
RESET
(RESET#)
23
35
A2
I
When 16/68# pin is at logic 1 for Intel bus interface, this input
becomes RESET (active high). When 16/68# pin is at logic 0 for
Motorola bus interface, this input becomes RESET# (active low).
A 40 ns minimum active pulse on this pin will reset the internal reg-
isters and all outputs of the UART. The UART transmitter output will
be held at logic 1, the receiver input will be ignored and outputs are
reset during reset period (see UART Reset Conditions).
VCC
28
42
B1
Pwr
1.62V to 3.63V power supply.
GND
13
18
E5
Pwr
Power supply common, ground.
GND
Center
Pad
-
-
Pwr
The center pad on the backside of the QFN package is metallic and
should be connected to GND on the PCB. The thermal pad size on
the PCB should be the approximate size of this center pad and
should be solder mask defined. The solder mask opening should be
at least 0.0025" inwards from the edge of the PCB thermal pad.
Pin Description
NAME
32-QFN
PIN#
48-TQFP
PIN#
25-BGA
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR16M580IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M580IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com