Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M564IJ68 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16M564IJ68
Description  1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M564IJ68 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16M564IJ68 Datasheet HTML 4Page - Exar Corporation XR16M564IJ68 Datasheet HTML 5Page - Exar Corporation XR16M564IJ68 Datasheet HTML 6Page - Exar Corporation XR16M564IJ68 Datasheet HTML 7Page - Exar Corporation XR16M564IJ68 Datasheet HTML 8Page - Exar Corporation XR16M564IJ68 Datasheet HTML 9Page - Exar Corporation XR16M564IJ68 Datasheet HTML 10Page - Exar Corporation XR16M564IJ68 Datasheet HTML 11Page - Exar Corporation XR16M564IJ68 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
XR16M564/564D
8
1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
REV. 1.0.0
Pin type: I=Input, O=Output, I/O= Input/Output, OD=Output Open Drain.
GND
Center
Pad
N/A
N/A
N/A
Pwr
The center pad on the backside of the QFN package is
metallic and should be connected to GND on the PCB.
The thermal pad size on the PCB should be the
approximate size of this center pad and should be sol-
der mask defined. The solder mask opening should be
at least 0.0025" inwards from the edge of the PCB
thermal pad.
N.C.
-
-
-
1, 10, 20,
21, 30,
40, 41,
49, 52,
60, 61,
71, 80
No Connection. These pins are not used in either the
Intel or Motorola bus modes.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN #
80-LQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16M564IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554D EXAR-XR16M554D Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554DIV64 EXAR-XR16M554DIV64 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IJ68 EXAR-XR16M554IJ68 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IL48 EXAR-XR16M554IL48 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M564IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com