Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L788 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR16L788
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788 Datasheet(HTML) 2 Page - Exar Corporation

  XR16L788 Datasheet HTML 1Page - Exar Corporation XR16L788 Datasheet HTML 2Page - Exar Corporation XR16L788 Datasheet HTML 3Page - Exar Corporation XR16L788 Datasheet HTML 4Page - Exar Corporation XR16L788 Datasheet HTML 5Page - Exar Corporation XR16L788 Datasheet HTML 6Page - Exar Corporation XR16L788 Datasheet HTML 7Page - Exar Corporation XR16L788 Datasheet HTML 8Page - Exar Corporation XR16L788 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
XR16L788
2
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
REV. 1.2.3
FIGURE 2. PIN OUT OF THE DEVICE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR16L788CQ
100-Lead QFP
0°C to +70°C
Active
XR16L788IQ
100-Lead QFP
-40°C to +85°C
Active
2
4 567
9
8
3
110 11
13
12
14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
71 70
68
69
67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
XR16L788
100-QFP
RX7
72
73
74
75
76
77
78
80 79
CTS7#
DSR7#
CD7#
RI7#
RTS7#
DTR7#
TX7
RX6
CTS6#
DSR6#
CD6#
RI6#
RTS6#
DTR6#
TX6
GND
VCC
RX5
CTS5#
RX0
CTS0#
DSR0#
CD0#
RI0#
RTS0#
DTR0#
TX0
RX1
CTS1#
DSR1#
CD1#
RI1#
RTS1#
DTR1#
TX1
VCC
GND
XTAL1
XTAL2


Similar Part No. - XR16L788

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788 EXAR-XR16L788 Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788 EXAR-XR16L788 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com