Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L788IQ Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16L788IQ
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788IQ Datasheet(HTML) 5 Page - Exar Corporation

  XR16L788IQ Datasheet HTML 1Page - Exar Corporation XR16L788IQ Datasheet HTML 2Page - Exar Corporation XR16L788IQ Datasheet HTML 3Page - Exar Corporation XR16L788IQ Datasheet HTML 4Page - Exar Corporation XR16L788IQ Datasheet HTML 5Page - Exar Corporation XR16L788IQ Datasheet HTML 6Page - Exar Corporation XR16L788IQ Datasheet HTML 7Page - Exar Corporation XR16L788IQ Datasheet HTML 8Page - Exar Corporation XR16L788IQ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
XR16L788
5
REV. 1.2.3
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
TX4
64
O
UART channel 4 Transmit Data or infrared transmit data.
RX4
57
I
UART channel 4 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses can be inverted internally prior the decoder by
FCTR[4].
RTS4#
62
O
UART channel 4 Request to Send or general purpose output (active low). See
description of RTS0# pin.
CTS4#
58
I
UART channel 4 Clear to Send or general purpose input (active low). See
description of CTS0# pin.
DTR4#
63
O
UART channel 4 Data Terminal Ready or general purpose output (active low).
See description of DTR0# pin.
DSR4#
59
I
UART channel 4 Data Set Ready or general purpose input (active low). See
description of DSR0# pin.
CD4#
60
I
UART channel 4 Carrier Detect or general purpose input (active low).
RI4#
61
I
UART channel 4 Ring Indicator or general purpose input (active low).
TX5
56
O
UART channel 5 Transmit Data or infrared transmit data.
RX5
49
I
UART channel 5 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses can be inverted internally prior the decoder by
FCTR[4].
RTS5#
54
O
UART channel 5 Request to Send or general purpose output (active low). See
description of RTS0# pin.
CTS5#
50
I
UART channel 5 Clear to Send or general purpose input (active low). See
description of CTS0# pin.
DTR5#
55
O
UART channel 5 Data Terminal Ready or general purpose output (active low).
See description of DTR0# pin.
DSR5#
51
I
UART channel 5 Data Set Ready or general purpose input (active low). See
description of DSR0# pin.
CD5#
52
I
UART channel 5 Carrier Detect or general purpose input (active low).
RI5#
53
I
UART channel 5 Ring Indicator or general purpose input (active low).
TX6
46
O
UART channel 6 Transmit Data or infrared transmit data.
RX6
39
I
UART channel 6 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses can be inverted internally prior the decoder by
FCTR[4].
RTS6#
44
O
UART channel 6 Request to Send or general purpose output (active low). See
description of RTS0# pin.
CTS6#
40
I
UART channel 6 Clear to Send or general purpose input (active low). See
description of CTS0# pin.
DTR6#
45
O
UART channel 6 Data Terminal Ready or general purpose output (active low).
See description of DTR0# pin.
DSR6#
41
I
UART channel 6 Data Set Ready or general purpose input (active low). See
description of DSR0# pin.
CD6#
42
I
UART channel 6 Carrier Detect or general purpose input (active low).
RI6#
43
I
UART channel 6 Ring Indicator or general purpose input (active low).
TX7
38
O
UART channel 7 Transmit Data or infrared transmit data.
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR16L788IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ EXAR-XR16L788IQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788IQ EXAR-XR16L788IQ Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788IQ EXAR-XR16L788IQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com