Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB120N10 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB120N10
Description  N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB120N10 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB120N10 Datasheet HTML 1Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 2Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 3Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 4Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 5Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 6Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 7Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
June 2009
©2009 Fairchild Semiconductor Corporation
FDB120N10 Rev. A
www.fairchildsemi.com
1
FDB120N10
N-Channel PowerTrench® MOSFET
100V, 74A, 12m
Ω
Features
•RDS(on) = 9.7mΩ ( Typ.)@ VGS = 10V, ID = 74A
• Fast Switching Speed
• Low Gate Charge
• High Performance Trench Technology for Extremely Low
RDS(on)
• High Power and Current Handling Capability
• RoHS Compliant
Description
This N-Channel MOSFET is produced using Fairchild Semicon-
ductor’s advanced PowerTrench process that has been espe-
cially tailored to minimize the on-state resistance and yet
maintain superior switching performance.
Application
• DC to DC Converters / Synchronous Rectification
G
S
D
D2-PAK
FDB Series
D
G
S
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
100
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
- Continuous (TC = 25
oC)
74
A
- Continuous (TC = 100
oC)
52
IDM
Drain Current
- Pulsed
(Note 1)
296
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
198
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.8
V/ns
PD
Power Dissipation
(TC = 25
oC)
170
W
- Derate above 25oC1.14
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
0.88
oC/W
RθJA
Thermal Resistance, Junction to Ambient
62.5


Similar Part No. - FDB120N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB120N10 ISC-FDB120N10 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB120N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP120N10 FAIRCHILD-FDP120N10 Datasheet
691Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com