Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAVR-000405-0287FT Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-000405-0287FT
Description  Surface Mount Hyperabrupt Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-000405-0287FT Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAVR-000405-0287FT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-000405-0287FT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAVR-000405-0287FT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAVR-000405-0287FT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Surface Mount Hyperabrupt Varactors
Rev. V5
MA4ST400 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount Packages
• High Quality Factor
• Capacitance Ratio to 9.5:1
• Tape and Reel Packaging Available
• SPC Monitored Ion Implantation for Excellent
• C-V Repeatability
• Singles and Common Cathode Pairs
• Lead-Free (RoHS Compliant) Equivalents
Available with 260 °C Reflow Compatibility
Description
M/A-COM’s MA4ST400 series are ion-implanted,
hyperabrupt junction, silicon tuning varactors in the
SOT-23 surface mount package. These thermal
oxide passivated diodes feature high capacitance
ratio and quality factor. They are well suited for
octave bandwidth tuning in the HF to UHF frequency
bands. The standard capacitance tolerance is ±
10%, with tighter tolerances available. Capacitance
matching at one or more bias voltages is also
available. These diodes are offered with standard
Sn/Pb plating, as well as with 100% matte Sn plating
on our RoHS compliant devices.
Applications
The MA4ST400 series tuning varactors are useful
for octave bandwidth tuning applications in the HF
through UHF ranges. Applications include VCOs and
voltage tuned filters in radios, cable TV tuners and
test instruments where low cost and excellent lot-to-
lot
repeatability
are
critical.
Linear
tuning
performance is available from 3 to 8 volts.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
22V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Total Power Dissipation
250 mW
Part Number
RoHs Compliant
Part Number
Configura-
tion
MA4ST401-287T
MAVR-000401-0287AT
Single
MA4ST403-287T
MAVR-000403-0287AT
Single
MA4ST404-287T
MAVR-000404-0287AT
Single
MA4ST405-287T
MAVR-000405-0287AT
Single
MA4ST406-287T
MAVR-000406-0287AT
Single
MA4ST407-287T
MAVR-000407-0287AT
Single
MA4ST408-287T
MAVR-000408-0287AT
Single
MA4ST409-287T
MAVR-000409-0287AT
Single
MA4ST401CK-287T
MAVR-000401-0287FT
Common
Cathode
MA4ST403CK-287T
MAVR-000403-0287FT
Common
Cathode
MA4ST404CK-287T
MAVR-000404-0287FT
Common
Cathode
MA4ST405CK-287T
MAVR-000405-0287FT
Common
Cathode
MA4ST406CK-287T
MAVR-000406-0287FT
Common
Cathode
MA4ST407CK-287T
MAVR-000407-0287FT
Common
Cathode
MA4ST408CK-287T
MAVR-000408-0287FT
Common
Cathode
MA4ST409CK-287T
MAVR-000409-0287FT
Common
Cathode
RoHS Compliant Parts
3
3. Suffix refers to package style, configuration and packaging
requirements. Other packages and configurations may be
available upon request.
Configurations
Common Cathode
Single


Similar Part No. - MAVR-000405-0287FT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAVR-000405-0287FT MACOM-MAVR-000405-0287FT Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MAVR-000405-0287FT MA-COM-MAVR-000405-0287FT Datasheet
632Kb / 5P
   Surface Mount Hyperabrupt Varactors
More results

Similar Description - MAVR-000405-0287FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000400 MA-COM-MAVR-000400_15 Datasheet
632Kb / 5P
   Surface Mount Hyperabrupt Varactors
MAVR-000400 MA-COM-MAVR-000400 Datasheet
470Kb / 4P
   Surface Mount Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST400 MACOM-MA4ST400 Datasheet
34Kb / 2P
   Surface Mount Hyperabrupt Varactors
MA4ST400 MACOM-MA4ST400_1 Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com