Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8060 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8060
Description  1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8060 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8060 Datasheet HTML 5Page - Fairchild Semiconductor FAN8060 Datasheet HTML 6Page - Fairchild Semiconductor FAN8060 Datasheet HTML 7Page - Fairchild Semiconductor FAN8060 Datasheet HTML 8Page - Fairchild Semiconductor FAN8060 Datasheet HTML 9Page - Fairchild Semiconductor FAN8060 Datasheet HTML 10Page - Fairchild Semiconductor FAN8060 Datasheet HTML 11Page - Fairchild Semiconductor FAN8060 Datasheet HTML 12Page - Fairchild Semiconductor FAN8060 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8060 • Rev. 1.0.0
11
PCB Layout Recommendations
The switching power supply PCB layout needs careful
attention and is critical to achieving low losses and
clean and stable operation. Although each design is
different, below are some general recommendations for
a good PCB layout.
Keep the high-current traces and load connectors
as short and wide as possible. These traces
consist of VIN, GND, VOUT, and SW.
Place the input capacitor, the inductor, and the
output capacitor as close as possible to the IC
terminals.
Keep the loop area between SW node, inductor,
and output capacitors as small as possible;
minimizing ground loops to reduce EMI issues.
Route high-dV/dt signals, such as SW node, away
from the error amplifier input/output pins.
Keep components connected to the FB and COMP
pins close to the pins.
Figure 16. Recommended PCB Layout


Similar Part No. - FAN8060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
FAN8060EMPX ONSEMI-FAN8060EMPX Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results

Similar Description - FAN8060

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com