Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4ST2500 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST2500
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST2500 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4ST2500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST2500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST2500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST2500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST2500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4ST2500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
MA4ST2000 Series
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Capacitance Values
MA4ST2200
MAVR-002200-
XXXXXX
MA4ST2300
MAVR-002300-
XXXXX
MAVR-002301-
11410T
MA4ST2400
MAVR-002400-
XXXXXX
MA4ST2500
MAVR-002500-
XXXXXX
MA4ST2600
MAVR-002600-
XXXXXX
Ct (pF)
Ct (pF)
Ct (pF)
0.1
7.643
34.06
60.26
86.48
113.09
0.3
6.746
30.07
53.12
76.34
99.80
0.5
5.948
26.56
46.81
67.36
88.07
1.0
4.006
18.00
31.75
46.09
60.31
1.5
1.895
8.313
15.52
22.83
30.21
2.0
0.985
3.941
7.470
10.05
13.94
VR (V)
Ct (pF)
Ct (pF)
2.5
0.744
2.889
5.407
7.112
9.952
3.0
0.638
2.429
4.512
5.918
8.274
3.5
0.579
2.166
4.000
5.275
7.332
4.0
0.543
1.993
3.663
4.895
6.749
4.5
0.517
1.845
3.370
4.691
6.317
5.0
0.469
1.771
3.200
4.557
6.086
Specifications subject to change without prior notification


Similar Part No. - MA4ST2500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST2500 MACOM-MA4ST2500 Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST2500-1141T MACOM-MA4ST2500-1141T Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST2500CK-1146T MACOM-MA4ST2500CK-1146T Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST2500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
   High Tuning Ratio Silicon Hyperabrupt Varactor Diode
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
   HYPERABRUPT VARACTOR DIODE
logo
Advanced Semiconductor
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
   Silicon Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com