Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7318BMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7318BMX
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318BMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7318BMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7318BMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
August 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318B • 1.0.0
FAN7318B
LCD Backlight Inverter Drive IC
Features
High-Efficiency Single-Stage Power Conversion
Wide Input Voltage Range: 6V to 30V
Backlight Lamp Ballast and Soft Dimming
Minimal External Components Required
Precision Voltage Reference Trimmed to 2%
Half-Bridge Topology
Soft-Start
PWM Control at Fixed Frequency
Analog Dimming Function
Burst Dimming Function
Programmable Striking Frequency
Open-Lamp Protection
Open-Lamp Regulation
Over-Voltage Protection
Short-Lamp Protection
CMP-High Protection
Thermal Shutdown
20-Pin SOIC
Applications
LCD TV
LCD Monitor
Description
The FAN7318B is a LCD backlight inverter drive IC that
controls P-N half-bridge topology.
The FAN7318B provides a low-cost solution and reduces
external components by integrating proprietary wave
rectifiers for open-lamp protection and regulation. The
operating voltage range of the FAN7318B is wide, so an
external regulator isn’t necessary to supply the voltage to
the IC.
The FAN7318B provides various protections, such as
open-lamp regulation, over-voltage protection, open-
lamp protection, short-Lamp protection, CMP-high
protection, to increase the system reliability. The
FAN7318B provides burst dimming and analog dimming.
The FAN7318B is available in a 20-SOIC package.
Ordering Information
Part
Number
Operating
Temperature
Package
Eco
Status
Packing
Method
FAN7318BM
Rail
FAN7318BMX
-25 to +85°C
20-Lead, Small Outline Integrated Circuit (SOIC)
RoHS
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Protected under U.S. patent no. 5,652,479.


Similar Part No. - FAN7318BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318AM FAIRCHILD-FAN7318AM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318AMX FAIRCHILD-FAN7318AMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com