Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7318A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7318A
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7318A Datasheet HTML 1Page - Fairchild Semiconductor FAN7318A Datasheet HTML 2Page - Fairchild Semiconductor FAN7318A Datasheet HTML 3Page - Fairchild Semiconductor FAN7318A Datasheet HTML 4Page - Fairchild Semiconductor FAN7318A Datasheet HTML 5Page - Fairchild Semiconductor FAN7318A Datasheet HTML 6Page - Fairchild Semiconductor FAN7318A Datasheet HTML 7Page - Fairchild Semiconductor FAN7318A Datasheet HTML 8Page - Fairchild Semiconductor FAN7318A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318A • 1.0.0
2
Block Diagram
ADIM
Negative
Analog
Dimming
Protection
Error Amp.
max. 2V
min. 0.5V
5V, max. 3mA
UVLO 5.5V
Voltage Reference
& Internal Bias
REF
VIN
CT
CMP
2V
Control
Logic
BCT
BDIM
OUTB
OUTA
GND
-
+
0.3V
-
+
1.34V
Short-Lamp Protection
Over-Voltage Protection
OLP1
-
+
On @ striking
OLR2
OLR1
OLP2
Output Driver
Oscillator
Min. &
Max.
Detector
/Full Wave
Recifier
Max.
Min.
TSD 150oC
-
+
Hys. 0.45V
-
+
max. 2V
min. 0.5V
52μA burst
sink current on
3.5V
High CMP Protection
disable @ striking
High_CMP
-
+
150μs
Delay
Striking off
OLP
Striking/normal
Min. & Max.
Detector
/Full or Half
Wave
Rectifier
OLP max.
OLP min.
0.7V/0.5V
-
+
17 Pulses Counter
And OLR<1.4V
-
+
Error. Amp. source
current change
1.35V
ENA
200k
1.34V
-
+
-
+
2.2V
Open-Lamp Regulation
Gm Amp.
3μA
Error. Amp. source
current change
0μA
TIMER
disable @ striking
52μA burst
sink current on
If ENA>2.5V, OLP & SLP disable.
If ENA<2.1V, OLP & SLP enable.
Vref
50µA @ OVP,SLP
2µA @ OLP.CMP high
3V/1V @ striking/normal
Figure 1. Internal Block Diagram


Similar Part No. - FAN7318A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318B FAIRCHILD-FAN7318B Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BM FAIRCHILD-FAN7318BM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BMX FAIRCHILD-FAN7318BMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com