Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0040 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0040
Description  Low Noise CATV Amplifier 50 - 870 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0040 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Noise CATV Amplifier
50 - 870 MHz
Rev. V1
MAAMSS0040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Noise Figure vs. Frequency, 25°C
Gain vs. Frequency to 3 GHz over Temperature
Gain vs. Frequency over Temperature
OIP3 vs. PIN at 400 MHz, 25°C
Output Return Loss vs. Frequency over Temperature
Typical Performance Curves
0
1
2
3
4
5
0
250
500
750
1000
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
+25°C
+85°C
-40°C
Frequency (MHz)
In-
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
+25°C
+85°C
-40°C
Frequency (MHz)
30
31
32
33
34
35
36
-8
-6
-4
-2
0
P
IN
(dBm)
10.5
11.0
11.5
12.0
12.5
13.0
13.5
0
250
500
750
1000
+25°C
+85°C
-40°C
Frequency (MHz)
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
+25°C
+85°C
-40°C
Frequency (MHz)


Similar Part No. - MAAMSS0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040SMB MACOM-MAAMSS0040SMB Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040TR MACOM-MAAMSS0040TR Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
More results

Similar Description - MAAMSS0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1005 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1005 MHz
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com