Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0031 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0031
Description  Broadband CATV Amplifier 50 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0031 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V4
MAAMSS0031
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
14.0
14.8
16.0
Gain Flatness
dB
0.5
1.0
Noise Figure
dB
2.7
3.8
Input Return Loss
dB
20
Output Return Loss
dB
18
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
36
Composite Triple Beat, CTB
132 channels, +23 dBmV/channel at the output.
dBc
-80
Composite Second Order, CSO
132 channels, +23 dBmV/channel at the output.
dBc
-70
P1dB
dBm
23
IDD
+ 8 Volts
mA
100
130
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +8 Volts, Z0 = 75 Ω
Schematic Including Off-Chip
Components
Recommended Board Layout
Off-Chip Component Values
Component
Value
Package
C1 - C4
0.01 µF
0402
C5
0.5 pF
0402
L17
1000 nH
1210
L2
8.2 nH
0402
L3
5.6 nH
0402
R1
523 Ω
0402
7. L1 supplied from EPCOS, part number B82422A1102K100.


Similar Part No. - MAAMSS0031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0031SMB-01 MACOM-MAAMSS0031SMB-01 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0031SMB-02 MACOM-MAAMSS0031SMB-02 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0031TR MACOM-MAAMSS0031TR Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0031TR-3000 MACOM-MAAMSS0031TR-3000 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
More results

Similar Description - MAAMSS0031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0041 MACOM-MAAMSS0041 Datasheet
159Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MACOM-MAAMSS0060 Datasheet
183Kb / 6P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com