Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4ST408-287T Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST408-287T
Description  Surface Mount Hyperabrupt Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST408-287T Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4ST408-287T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST408-287T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST408-287T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST408-287T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Surface Mount Hyperabrupt Varactors
Rev. V5
MA4ST400 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Mounting Information
The
illustration
indicates
the
recommended
mounting pad configuration for the SOT-23 package.
Solder paste containing flux should be screened
onto the pads to a thickness of 0.005- 0.007 inches.
The plastic package is placed in position, firmly
adhering to the solder paste.
Permanent attachment is performed by a reflow
soldering
procedure
during
which
the
tab
temperature does not exceed +275
°C and the body
temperature does not exceed +250
°C, for standard
models and +260
°C for the RoHS compliant
devices.
Please refer to Application Note M538 for surface
mounting instructions.
0.75
1.9
.037
0.95
.035
0.90
.090
2.2
.030
0.80
inches
mm
Dimenstions:
min.
min.
SOT-23
F
D
H
J
A
G
L
C
E
B
K
N
M
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10
° max.
N
2
° . . .30°
SOT-23 (Case Style 287)
SOT-23 (Case Style 287)
Specifications are subject to change without prior notification


Similar Part No. - MA4ST408-287T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST408-287T MACOM-MA4ST408-287T Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
More results

Similar Description - MA4ST408-287T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000400 MA-COM-MAVR-000400_15 Datasheet
632Kb / 5P
   Surface Mount Hyperabrupt Varactors
MAVR-000400 MA-COM-MAVR-000400 Datasheet
470Kb / 4P
   Surface Mount Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST400 MACOM-MA4ST400 Datasheet
34Kb / 2P
   Surface Mount Hyperabrupt Varactors
MA4ST400 MACOM-MA4ST400_1 Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com