Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29500T-L-1-8 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX29500T-L-1-8
Description  5A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29500T-L-1-8 Datasheet(HTML) 7 Page - Exar Corporation

  SPX29500T-L-1-8 Datasheet HTML 1Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 2Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 3Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 4Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 5Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 6Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 7Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 8Page - Exar Corporation SPX29500T-L-1-8 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev:B
Nov 2008
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2008 Exar Corporation
7
PACKAGES: 5 PIN TO-263


Similar Part No. - SPX29500T-L-1-8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29500T-1.8 SIPEX-SPX29500T-1.8 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-2.5 SIPEX-SPX29500T-2.5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-3.3 SIPEX-SPX29500T-3.3 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-5.0 SIPEX-SPX29500T-5.0 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29500T-L-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com