Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29152 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX29152
Description  FOr 1.5A Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29152 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX29152 Datasheet HTML 3Page - Exar Corporation SPX29152 Datasheet HTML 4Page - Exar Corporation SPX29152 Datasheet HTML 5Page - Exar Corporation SPX29152 Datasheet HTML 6Page - Exar Corporation SPX29152 Datasheet HTML 7Page - Exar Corporation SPX29152 Datasheet HTML 8Page - Exar Corporation SPX29152 Datasheet HTML 9Page - Exar Corporation SPX29152 Datasheet HTML 10Page - Exar Corporation SPX29152 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
REV B 06/05/08
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2008 Exar Corporation
The SPX29150/51/52/53 incorporates pro-
tection against over-current faults, reversed
load insertion, over temperature operation,
and positive and negative transient volt-
ages.
Thermal Considerations
Although the SPX29150/51/52/53 offers
limiting circuitry for overload conditions, it is
still necessary to insure that the maximum
junction temperature is not exceeded in the
application. Heat will flow through the lowest
resistance path, the junction-to-case path.
In order to insure the best thermal flow of
thecomponent,propermountingisrequired.
Consult the heatsink manufacturer for ther-
mal resistance and heat sink design.
TO-220 Design Example:
Assume that VIN = 10V, VOUT = 5V, IOUT =
1.5A, TA = 50°C, θH= 1°C/W, θCH= 2°C/W,
and θJC= 3C°/W, where:
TA = ambient temperature,
θHA = heatsink to ambient thermal resis-
tance
θCH = case to heatsink thermal resistance
θJC = junction to case thermal resistance
The power calculated under these condi-
tions is:
PD
= (VIN – VOUT) * IOUT = 7.5W.
And the junction temperature is calculated
as
TJ = TA + PD * (θHA + θCH + θJC) or
SPX29150
VOUT
VIN
6.8µF
+
+
10µF
Figure 19. Fixed Output Linear Regulator
Figure 20. Adjustable Output Linear Regulator
TJ = 50 + 7.5 * (1+2+3) = 95°C
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure
stability and minimize the output noise. The
value of the capacitor varies with the load.
However, a minimum value of 10µF alumi-
numcapacitorwillguaranteestabilityoverall
load conditions. Atantalum capacitor is rec-
ommendedifafasterloadtransientresponse
is needed. If the power source has a high
AC impedance, a 0.1µF ceramic capacitor
between input & ground is recommended.
The output capacitors maximum ESR value
for stable operation is 0.33ohms.
Minimum Load Current
To ensure proper behavior of the regulator
under light loads, a minimum load of 5mA
for SPX29150/51/52/53 is required.
Typical Application Circuits
Figure 19 represents a typical fixed output
regulator. Figure20representsanadjustable
output regulator. The values of R1 and R2
set the output voltage value as follows: VOUT
=VREF
* [1 + (R1/R2)]. A minimum value of
10kΩ is recommended for R2 with a range
between 10kΩ and 47kΩ.
APPLICATION INFORMATION
SPX29152
VOUT
VIN
GND
ADJ
1
2
3
4
5
R1
R2
6.8
µ F
+
+
10
µ F


Similar Part No. - SPX29152

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29152 SIPEX-SPX29152 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29152T5 SIPEX-SPX29152T5 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29152T5 SIPEX-SPX29152T5 Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
SPX29152T5/TR SIPEX-SPX29152T5/TR Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29152T5/TR SIPEX-SPX29152T5/TR Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29152

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com