Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29501 Datasheet(PDF) 6 Page - Exar Corporation

Part # SPX29501
Description  5A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29501 Datasheet(HTML) 6 Page - Exar Corporation

  SPX29501 Datasheet HTML 1Page - Exar Corporation SPX29501 Datasheet HTML 2Page - Exar Corporation SPX29501 Datasheet HTML 3Page - Exar Corporation SPX29501 Datasheet HTML 4Page - Exar Corporation SPX29501 Datasheet HTML 5Page - Exar Corporation SPX29501 Datasheet HTML 6Page - Exar Corporation SPX29501 Datasheet HTML 7Page - Exar Corporation SPX29501 Datasheet HTML 8Page - Exar Corporation SPX29501 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev:B Nov 2008
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2008 Exar Corporation
6
PACKAGES
TO-263-5 Package (T5)
Top View
45
3
2
1
TO-220-5 Package (U5)
Top View
12 3 4 5
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
SPX29502
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
SPX29501
SPX29502
ENABLE
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
SPX29501
*Tab is internally connected to GND


Similar Part No. - SPX29501

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29501 SIPEX-SPX29501 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501T5-1.8 SIPEX-SPX29501T5-1.8 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501T5-2.5 SIPEX-SPX29501T5-2.5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501T5-3.3 SIPEX-SPX29501T5-3.3 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29501T5-5.0 SIPEX-SPX29501T5-5.0 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29501

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com