Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX5205M5-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SPX5205M5-L
Description  150mA, LOW-NOISE LDO VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX5205M5-L Datasheet(HTML) 4 Page - Exar Corporation

  SPX5205M5-L Datasheet HTML 1Page - Exar Corporation SPX5205M5-L Datasheet HTML 2Page - Exar Corporation SPX5205M5-L Datasheet HTML 3Page - Exar Corporation SPX5205M5-L Datasheet HTML 4Page - Exar Corporation SPX5205M5-L Datasheet HTML 5Page - Exar Corporation SPX5205M5-L Datasheet HTML 6Page - Exar Corporation SPX5205M5-L Datasheet HTML 7Page - Exar Corporation SPX5205M5-L Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPX5205
4
150mA, Low-Noise LDO Voltage Regulator
REV. H
Dropout Voltage vs Load Current
Output Voltage vs Load Current
Ground Current vs Temperature at I
LOAD =100μA
Ground Current vs Temperature at I
LOAD =100mA
200
150
100
50
0
0
50
100
150
IL (mA)
VO=3.3V
VIN= 3.2V
CL = 1.0μF
3.310
3.308
3.306
3.304
3.302
3.300
0
50
100
150
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0μF
90.0
80.0
70.0
60.0
50.0
-40
-20
0
20
40
60
80
100 120
Temperature (
°C)
VOUT= 3.3V
VIN= 4.3V
CL= 1.0μF
IL = 100μA
950
850
750
650
550
450
-40
-20
0
20
40
60
80
100 120
Temperature (
°C)
VOUT = 3.3V
VIN = 4.3V
CL= 1.0μF
IL = 100mA
TYPICAL PERFORMANCE CHARACTERISTICS
4


Similar Part No. - SPX5205M5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205M5-1.8 SIPEX-SPX5205M5-1.8 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
SPX5205M5-12 SIPEX-SPX5205M5-12 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-12/TR SIPEX-SPX5205M5-12/TR Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-15 SIPEX-SPX5205M5-15 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-15/TR SIPEX-SPX5205M5-15/TR Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX5205M5-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com