Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVD5N60AT Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SVD5N60AT
Description  5A, 600V NCHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVD5N60AT Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SVD5N60AT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVD5N60AT Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SVD5N60AT/SVD5N60AF
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.07.09
Http://www.silan.com.cn
Page 3 of 7
NOMENCLATURE
TYPICAL CHARACTERISTICS
VGS Gate-Source Voltage [V]
ID Drain Current [A]
VSD Source-Drain Voltage [V]
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 4. Body Diode Forward Voltage Variation vs.
Source Current and Temperature
Figure 3. On-Resitance Variation vs.
Drain Current and Gate Voltage
VDS Drain-Source Voltage [V]
10.0
Va r iab le
VGS=6 . 0V
VGS=6 . 5V
VGS=7 . 0V
VGS=7 . 5V
VGS=8 . 0V
VGS=10V
VGS=15V
VGS=4 . 0V
VGS=4 . 5V
VGS=5 . 0V
VGS=5 . 5V
No t es:
1 . 250
s Pu l se Tes t
2 . TC = 25
1.0
0.1
0.1
1.0
10.0
0.1
1
10
100
0
1
2
3
4
5
6
7
8
9
10
T=-55
T=25
T=150
Notes :
1. VDS = 50V
2. 250 s Pulse Test
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-2
0
2
4
6
8
10
VGS= 10.0V
VGS= 20.0V
Note : TJ = 25
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
T=25
T=150
Notes :
1. VGS = 0V
2. 250 s Pulse Test


Similar Part No. - SVD5N60AT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SVD5N60AT VBSEMI-SVD5N60AT Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SVD5N60AT

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVD8N60T SILAN-SVD8N60T Datasheet
474Kb / 7P
   8A, 600V NCHANNEL MOSFET
SVD2N60T SILAN-SVD2N60T Datasheet
385Kb / 6P
   2A, 600V NChannel MOSFET
3VD045060JL SILAN-3VD045060JL Datasheet
34Kb / 1P
   Nchannel MOSFET CHIPS
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
   600V,5A N-Channel MOSFET
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
   600V, 5A N-Channel MOSFET
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
Motorola, Inc
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com