Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVD2N60T Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SVD2N60T
Description  2A, 600V NChannel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVD2N60T Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SVD2N60T Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVD2N60T Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVD2N60T Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVD2N60T Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVD2N60T Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVD2N60T Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SVD2N60T
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.07.09
Http://www.silan.com.cn
Page 5 of 6
TYPICAL TEST CIRCUIT


Similar Part No. - SVD2N60T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SVD2N65F VBSEMI-SVD2N65F Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - SVD2N60T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVD5N60AT SILAN-SVD5N60AT Datasheet
486Kb / 7P
   5A, 600V NCHANNEL MOSFET
SVD8N60T SILAN-SVD8N60T Datasheet
474Kb / 7P
   8A, 600V NCHANNEL MOSFET
3VD045060JL SILAN-3VD045060JL Datasheet
34Kb / 1P
   Nchannel MOSFET CHIPS
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
   600V, 2A N-Channel MOSFET
logo
Rohm
R6002END ROHM-R6002END Datasheet
2Mb / 14P
   Nch 600V 2A Power MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
   600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com