Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD42351ND Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SD42351ND
Description  350MA WHITE SINGLE LED DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD42351ND Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SD42351ND Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD42351ND Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD42351ND Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD42351ND Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD42351
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Pin Description
1
VOUT
O
LED Current Output.
2
GND
--
Ground .
3
VDD
I
Power Supply.
FUNCTION DESCRIPTION
The SD42351 is a low dropout current regulator rated for constant LED sink current. The low quiescent current
and low dropout voltage is achieved by advanced Bi-CMOS process. Its main function is to stabilize the current
passing, other than the LED voltage. Traditional LED drivers are Voltage regulator IC, which will affect the
brightness because of different forward voltages, although the LEDs are in the same structure. SD42351 controls
the brightness of the LED by controlling the current passing by the LED, which eliminates the limitation of
traditional voltage regulator IC.
The device consists of Voltage Reference, Error Amplifier, Power NMOS, Current Sense Resistance, LOGIC
Enable and Over Temperature Protection Circuit. The resistance senses the output current and transform to the
voltage, which compared with the reference voltage. The error is amplified, controls the Power NMOS, so that the
output current is regulated.
Inrush current (over 1 A) in traditional LED drivers is eliminated by the initial current limit circuit, thus constant
sink current in the LED is maintained.
TYPICAL APPLICATION CIRCUIT
Note:The circuit and parameters are reference only, please set the parameters of the real application circuit
based on the real test .
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.5
2008.03.13
Http: //www.silan.com.cn
Page 3 of 5


Similar Part No. - SD42351ND

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Semicoa Semiconductor
SD4261 SEMICOA-SD4261 Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
SD4261F SEMICOA-SD4261F Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
More results

Similar Description - SD42351ND

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
logo
Monolithic Power System...
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
   4 strings 350mA White LED Driver Evaluation Board
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
   350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
   350mA, LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
   350mA LED Lighting Driver
logo
Monolithic Power System...
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
   350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
   AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com