Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC91215-A Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC91215-A
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91215-A Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC91215-A Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91215-A Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SC91214/91215 SERIES
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 5 of 16
2) F1: Flash key. The break time is 297 ms or 96 ms (SC91214/15 respectively)
3) F2: Flash key for break time 640 ms
4) P: Pause key (2.2 seconds)
5) RD: One key redial key
6) EMn: One touch memory key
7) #: In PULSE mode this key input is neglected. In DTMF mode this key works as # key.
PIN CONFIGURATION


Similar Part No. - SC91215-A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC912XDP512F0CAA FREESCALE-SC912XDP512F0CAA Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - SC91215-A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
   TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com