Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16722 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC16722
Description  CASCADE LED DRIVER OF HEAVY CURRENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16722 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC16722 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SC16722
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
R EV:1.0
2006.04.19
http: www.silan.com.cn
Page 1 of 7
BLOCK DIAGRAM
CASCADE LED DRIVER OF HEAVY CURRENT
SOP-14-225-1.27
DESCRIPTION
SC16722 is a chip special for LED driver. It utilizes advanced
CMOS technology and provides low power dissipation. This circuit
has the protecting circuit for all the inputs and outputs to avoid the
damage caused by the static discharge. And it has the ability of
driving load and features high noise immunity.
FEATURES
* 3 bits driving output (Max.=30mA)
* Provides the interface suited for cascade.
* Input compatible with 5V CMOS voltage.
* Maximum 15M serial clock frequency.
APPLICATION
* Lights decorations
* Outdoors lights
ORDERING INFORMATION
Device
Package
SC16722
SOP-14-225-1.27
SC16722
COB


Similar Part No. - SC16722

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-065 SOCAY-SC16-065 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-075 SOCAY-SC16-075 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-090 SOCAY-SC16-090 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC16-1000 SOCAY-SC16-1000 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC16722

ManufacturerPart #DatasheetDescription
logo
MY-SEMI INC.
MY9931 MY-SEMI-MY9931 Datasheet
81Kb / 1P
   3 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9941 MY-SEMI-MY9941 Datasheet
79Kb / 1P
   4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
logo
Toshiba Semiconductor
TB62725P TOSHIBA-TB62725P Datasheet
313Kb / 15P
   8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
Hamamatsu Corporation
L12004-2209H-C HAMAMATSU-L12004-2209H-C Datasheet
544Kb / 8P
   Quantum Cascade Laser
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
logo
Recom International Pow...
RCD-24 RECOM-RCD-24_10 Datasheet
358Kb / 6P
   Constant Current LED Driver
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
   Constant Current LED Driver
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
   Constant-Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9914 HMSEMI-HM9914 Datasheet
713Kb / 4P
   LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com