Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16315 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC16315
Description  VFD CONTROLLER/DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16315 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC16315 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC16315
Pin No.
Pin Name
Description
31~38
Seg17/Grid12
to Seg24/Grid5
High-voltage output (segment/grid). Segment or grid driving.
1 ~4
LED1 to LED4
LED output pin. CMOS output. +20mA max.
10 ~ 11
KEY1 to KEY2
Key data input. Data input to these pins is latched at the end of the display
cycle.
13, 43
VDD
Logic power pin. 5V
±10%
12, 44
VSS
Logic ground. Connect this pin to system GND.
30
VEE
Pull-down level. VDD-35V max.
FUNCTIONAL DESCRIPTION
1. DISPLAY RAM ADDRESS AND DISPLAY MODE
The display RAM stores the data transmitted from an external device to the SC16315 through the serial interface,
and is assigned addresses as follows, in 8 bits unit:
Seg1 Seg4
Seg8
Seg12
Seg16
Seg20
Seg24
00HL
00HU
01HL
01HU
02Hv
02HU
DIG1
03HL
03HU
04HL
04HU
05HL
05HU
DIG2
06HL
06HU
07HL
07HU
08HL
08HU
DIG3
09HL
09HU
0AHL
0AHU
0BHL
0BHU
DIG4
0CHL
0CHU
0DHL
0DHU
0EHL
0EHU
DIG5
0FHL
0FHU
10HL
10HU
11HL
11HU
DIG6
12HL
12HU
13HL
13HU
14HL
14HU
DIG7
15HL
15HU
16HL
16HU
17HL
17HU
DIG8
18HL
18HU
19HL
19HU
1AHL
1AHU
DIG9
1BHL
1BHU
1CHL
1CHU
1DHL
1DHU
DIG10
1EHL
1EHU
1FHL
1FHU
20HL
20HU
DIG11
21HL
21HU
22HL
22HU
23HL
23HU
DIG12
b0
b3 b4
b7
XXHL
XXHU
Lower 4 bits
Higher 4 bits
2. KEY MATRIX AND KEY-INPUT DATA STORAGE RAM
The key matrix is made up of a 16 x 2 matrix, as shown below.
KEY1
KEY2
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.12.16
Http: www.silan.com.cn
Page 5 of 11


Similar Part No. - SC16315

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16315S SILAN-SC16315S Datasheet
210Kb / 12P
   VFD CONTROLLER/DRIVER
More results

Similar Description - SC16315

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
logo
SamHop Microelectronics...
SM16312 SAMHOP-SM16312 Datasheet
49Kb / 7P
   VFD CONTROLLER /DRIVER
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
   VFD CONTROLLER/DRIVER
SC16313 SILAN-SC16313 Datasheet
215Kb / 9P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3423 NJRC-NJU3423 Datasheet
501Kb / 19P
   VFD CONTROLLER DRIVER
NJU3422 NJRC-NJU3422 Datasheet
279Kb / 9P
   VFD CONTROLLER DRIVER
logo
Winbond
W66880CF WINBOND-W66880CF Datasheet
21Kb / 1P
   VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16315S SILAN-SC16315S Datasheet
210Kb / 12P
   VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com