Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819S-L-1-5 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX3819S-L-1-5
Description  500mA, LOW-NOISE LDO VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819S-L-1-5 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX3819S-L-1-5 Datasheet HTML 3Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 4Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 5Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 6Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 7Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 8Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 9Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 10Page - Exar Corporation SPX3819S-L-1-5 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
July 2008 Rev F
SPX3819 500mA, Low Noise LDO Voltage Regulator
© 2008 Exar Corporation
The SPX3819 requires an output capacitor for
device stability. Its value depends upon the
application circuit. In general, linear regulator
stability decreases with higher output currents.
In applications where the SPX3819 is sourcing
less current, a lower output capacitance may be
sufficient. For example, a regulator outputting
only 10mA, requires approximately half the
capacitance as the same regulator sourcing
150mA.
Bench testing is the best method for determining
the proper type and value of the capacitor since
the high frequency characteristics of electro-
lytic capacitors vary widely, depending on type
and manufacturer. A high quality 2.2
µF alumi-
num electrolytic capacitor works in most appli-
cation circuits, but the same stability often can
be obtained with a 1
µF tantalum electrolytic.
With the SPX3819 adjustable version, the mini-
mum value of output capacitance is a function of
the output voltage. The value decreases with
higher output voltages, since closed loop gain is
increased.
Typical Applications Circuits
A 10nF capacitor on the BYP pin will signifi-
cantly reduce output noise, but it may be left
unconnected if the output noise is not a major
concern. The SPX3819 start-up speed is in-
versely proportional to the size of the BYP
capacitor. Applications requiring a slow ramp-
up of the output voltage should use a larger
CBYP. However, if a rapid turn-on is necessary,
the BYP capacitor can be omitted.
The SPX3819’s internal reference is available
through the BYP pin.
Figure 1 represents a SPX3819 standard appli-
cation circuit. The EN (enable) pin is pulled
high (>2.0V) to enable the regulator.
To disable the regulator, EN < 0.4V.
The SPX3819 in Figure 2 illustrates a typical
adjustable output voltage configuration. Two
resistors (R1 and R2) set the output voltage. The
output voltage is calculated using the formula:
VOUT = 1.235V x
[ 1 + R1/R2]
R2 must be > 10 kΩ and for best results, R2
should be between 22 k
Ω and 47kΩ.
APPLICATION INFORMATION
+
+
GND
EN
BYP
(Opt.)
ENABLE may be tied directly to V
IN
SPX3819
1
2
3
4
5
V
IN
V
OUT
TOP View
+
+
GND
EN
Hi-ON
Lo-OFF
SPX3819
SOT-23
1
2
3
4
5
V
IN
V
OUT
R1
R2
TOP View
Figure 1. Standard Application Circuit
Figure 2. Typical Adjustable Output Voltage Configuration


Similar Part No. - SPX3819S-L-1-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819S-L-1-5 SIPEX-SPX3819S-L-1-5 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-1-5 EXAR-SPX3819S-L-1-5 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819S-L-1-5/TR SIPEX-SPX3819S-L-1-5/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-1-5/TR EXAR-SPX3819S-L-1-5/TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819S-L-1-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com