Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC8204A4FL Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC8204A4FL
Description  FAN REMTORE CONTROL DECODER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8204A4FL Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC8204A4FL Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8204A4FL Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC8204
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 3 of 9
DC ELECTRICAL CHARACTERISTICS (unless special, Tamb=25°C, VDD=5.0V)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
--
3.0
5.0
6.0
V
Static Consumption
Current
ISB
VDD=5V, OSC stop, no load
--
1
--
µA
Input High Level Voltage
VIH
--
0.7VDD
--
VDD
V
Input Low Level Voltage
VIL
--
0
--
0.3VDD
V
OFF, MODE, SPEED,
TIMER Scan Output
Current
IOH
VDD=5.0V, VO=3.5V
--
10
--
mA
COM1~COM3 Scan
Output Sink Current
IOL
VDD=5.0V, VO=0.7V
--
-40
--
mA
Drive Output Current
IOL
VDD=5.0V, VO=0.7V
--
-10
--
mA
Buzzer Output Current
IOH
VDD=5.0V, VO=3.5V
--
5
--
mA
Oscillated Frequency
fOSC
--
455
--
kHz
PIN CONFIGURATION


Similar Part No. - SC8204A4FL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
SC8205 FUMAN-SC8205 Datasheet
329Kb / 3P
   20V N-Channel Enhancement MOS FET
More results

Similar Description - SC8204A4FL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8207 SILAN-SC8207 Datasheet
233Kb / 9P
   FAN REMOTE CONTROL DECODER USED TOGETHER
logo
ELMOS Semiconductor AG
E910.16 ELMOS-E910.16 Datasheet
118Kb / 1P
   Fan control
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com