Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7312S Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC7312S
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7312S Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC7312S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7312S Datasheet HTML 12Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SC7312
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2004.08.03
Http: www.silan.com.cn
Page 10 of 13
3.Audio switch
MSB
LSB
Function
0
1
0
G1
G0
S2
S1
S0
Audio switch
0
0
Stereo 1
0
1
Stereo 2
1
0
Stereo 3
1
1
Stereo 4
0
Loudness ON
1
Loudness OFF
0
0
+11.25dB
0
1
+7.5dB
1
0
+3.75dB
1
1
0dB
For example, to select the stereo 2 input with a gain of +7.5dB Loudness ON the 8bit string is: 01001001
4.Bass and treble
MSB
LSB
Function
0
1
1
0
C3
C2
C1
C0
Bass
0
1
1
1
C3
C2
C1
C0
Terble
0
0
0
0
-14
0
0
0
1
-12
0
0
1
0
-10
0
0
1
1
-8
0
1
0
0
-6
0
1
0
1
-4
0
1
1
0
-2
0
1
1
1
0
1
1
1
1
0
1
1
1
0
2
1
1
0
1
4
1
1
0
0
6
1
0
1
1
8
1
0
1
0
10
1
0
0
1
12
1
0
0
0
14
C3=Sign
For Example, bass at –10dB is obtained by the following 8bit string is: 01100010.


Similar Part No. - SC7312S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7313S SILAN-SC7313S Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314D SILAN-SC7314D Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314S SILAN-SC7314S Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
More results

Similar Description - SC7312S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
NXP Semiconductors
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
   Stereo-tone/volume control circuit
May 1992
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
   Stereo-tone/volume control circuit
September 1987
logo
National Semiconductor ...
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com