Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7001Q Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC7001Q
Description  3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7001Q Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC7001Q Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SC7001Q
3. Auto power off function
Power turned off by 10 minutes unless input value changed within a defined time.
* This function selected as follows.
Auto PWR1(Pin30) + Auto
PWR2(PIN31)
0+0
1+0
0+1
1+1
POWER
Power on
Auto power off
Off
Off
4.Full display value according to mode
Mode
R1
R2
R3
R4
R5
R32M
DC
326.0mV
3.260V
32.60V
326.0V
3260V
Voltage
AC
3.260V
32.60V
326.0V
3260V
mA
32.60mA
326.0mA
Current
(AC/CD)
μA
326.0
μA
3260
μA
Resistance(
Ω)
326.0
3.260K
32.60K
326.0K
3.260M
32.60M
DP3 of R4 is not displayed under voltage, current mode.
LCD DRIVE WAVEFORM
BACKPLANE 1
BACKPLANE 2
BACKPLANE 3
SEGMENT ON
SEGMENT OFF
3V
2V
1V
D GND
3V
D GND
256/6=42.67Hz
2V
1V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2007.12.26
Http: www.silan.com.cn
Page 11 of 17


Similar Part No. - SC7001Q

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
DB Unlimited.
SC700208-1 DBUNLIMITED-SC700208-1 Datasheet
564Kb / 1P
   Released from Engineering
SC700308-1 DBUNLIMITED-SC700308-1 Datasheet
548Kb / 1P
   Released from Engineering
logo
Switchcraft, Inc.
SC700CT SWITCH-SC700CT Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
More results

Similar Description - SC7001Q

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
   3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
List of Unclassifed Man...
CDT3050 ETC1-CDT3050 Datasheet
45Kb / 4P
   The CDT3050 is a low voltage 3 digits LCD driver for advanced Count Down Timer
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
   6000 Count AUTO DMM
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
   6000 Count AUTO DMM
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K Datasheet
277Kb / 1P
   Large dual LCD display (9999 count)
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com