Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7001Q Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC7001Q
Description  3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7001Q Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC7001Q Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7001Q Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC7001Q
(Continued)
PIN No.
Symbol
Description
63
D GND
Digital ground
64~72
F1~F9
Function input pin 1~9
73
CVD OUT
Voltage double output
74
CVD(-)
Voltage double capacitor connection (-)
75
CVD(+)
Voltage double capacitor connection(+)
76
OUT
Beep frequency output (4096Hz)
77
OSC OUT
X-tal connection (32.768KHz)
78
OSC IN
X-tal connection
79
BP2
Backplane 2 of LCD display
80
BP3
Backplane 3 of LCD display
FUNCTIONAL DESCRIPTION
1. SC7001Q INTEGRATING DUAL-SLOPE A/D CONVERTER
The SC7001Q consists of a low-speed A/D and a high-speed A/D conversion circuit.
Low-speed A/D conversion circuit
When an analog DC input signal under 320mV is applied, the low-speed conversion proceeds like a sequence
of AUTO ZERO (A.Z)
→INTEGRATION (INT) →DEINTEGRATION (DEINT) → AUTO ZERO. One conversion
takes 519.7ms is the voltage measurement mode.
The counter data of DEINTEGRATION interval is transferred to the LCD and the output value is determined.
High-speed A/D conversion circuit
Range selection and barograph display operate by the high-speed conversion which is like that of low-speed
A/D conversion. One conversion takes 80ms in the voltage measurement mode.
Waveform and block diagram of dual-slope A/D converter (Negative input)
Conversion time
Tim
Speed
T1
T2
T3
Conversion time
T1+T2+T3
Low-speed A/D
100ms
200ms
219.7ms(109.8ms)*
519.7ms(409.8ms)
High-speed A/D
40ms
20ms
20ms(10ms)
80ms(70ms)
* : The value of parenthesis is for current measurement mode.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2007.12.26
Http: www.silan.com.cn
Page 7 of 17


Similar Part No. - SC7001Q

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
DB Unlimited.
SC700208-1 DBUNLIMITED-SC700208-1 Datasheet
564Kb / 1P
   Released from Engineering
SC700308-1 DBUNLIMITED-SC700308-1 Datasheet
548Kb / 1P
   Released from Engineering
logo
Switchcraft, Inc.
SC700CT SWITCH-SC700CT Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
More results

Similar Description - SC7001Q

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
   3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
List of Unclassifed Man...
CDT3050 ETC1-CDT3050 Datasheet
45Kb / 4P
   The CDT3050 is a low voltage 3 digits LCD driver for advanced Count Down Timer
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
   6000 Count AUTO DMM
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
   6000 Count AUTO DMM
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K Datasheet
277Kb / 1P
   Large dual LCD display (9999 count)
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com