Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC73P1601MC Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC73P1601MC
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601MC Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC73P1601MC Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601MC Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 5 of 22
Program time sequence:
Performance Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Setup time of “Oeb”
tOES
1
-
-
s
Setup time of “Ceb”
tCS
1
-
-
s
Setup time of “D[8:0]”
tDS
1
-
-
s
Hold time of “Ceb”
tCH
1
-
-
s
Hold time of “D[8:0]”
tDH
1
-
-
s
Setup time of “VPP
tVPS
1
-
-
s
Setup time of “VDD
tVDS
1
-
-
s
Pulse width of “Progb”
tPW
200
300
-
s
FUNCTION DESCRIPTION
SC73P1601 includes 4-bit MCU, outlay oscillator, system reset module. Next we will mainly introduce the
functions.
1. PC
PC refers to the program address pointer, 10 bits. The maximum addressing space is 1K ROM .The program
counter contains the address of the instruction that will be executed next. The PC value is cleared to 0 after reset.
The PC is set to predefined value when one of the 3 following occasions occurs: 1) when the JUMP instruction is
executed; 2) when a subroutine call is back; 3) when a program call is back. In the SC73P1601, all instructions
are one-byte instructions, PC increments by 1 each time an instruction is executed.


Similar Part No. - SC73P1601MC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73P2602RC2 SILAN-SC73P2602RC2 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC2TR SILAN-SC73P2602RC2TR Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3 SILAN-SC73P2602RC3 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3TR SILAN-SC73P2602RC3TR Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RD2 SILAN-SC73P2602RD2 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
More results

Similar Description - SC73P1601MC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com