Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC74HC595B Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC74HC595B
Description  8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC74HC595B Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC74HC595B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC74HC595B Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC74HC595
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.19
Http
: www.silan.com.cn
Page 7 of 13
(Continued)
Testing conditions
Characteristics
Symbol
VCC(V)
CL(pF)
Min.
Typ.
Max.
Unit
2.0
--
--
95
4.5
--
--
19
Minimum Pulse Width
(SCK, RCK)
tW(H)
6.0
50
--
--
16
ns
2.0
--
--
95
4.5
--
--
19
Minimum Pulse Width
( SCLR )
tW(L)
6.0
50
--
--
16
ns
2.0
--
--
65
4.5
--
--
13
Minimum Set-up Time
(SI-RCK)
tS
6.0
50
--
--
11
ns
2.0
--
--
95
4.5
--
--
19
Minimum Set-up Time
(SCK-RCK)
tS
6.0
50
--
--
16
ns
2.0
--
--
125
4.5
--
--
25
Minimum Set-up Time
( SCLR -RCK)
tS
6.0
50
--
--
21
ns
2.0
--
--
0
4.5
--
--
0
Minimum Hold Time
tH
6.0
50
--
--
0
ns
2.0
--
--
65
4.5
--
--
13
Minimum Clear Time
tREM
6.0
50
--
--
11
ns
Input Capacitance
CIN
--
--
10
pF
Power Dissipation Capacitance
CPD(*)
--
--
--
pF
(*): CPD is defined as the internal equivalent capacitance of the IC. It is calculated from the operating current
without load; and the average operating current can be obtained by the equation: ICC (opr) =CPD*VCC*fIN+ICC.


Similar Part No. - SC74HC595B

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
   Power Solid State Relay
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
SC7422S SILAN-SC7422S Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
logo
List of Unclassifed Man...
SC744110 ETC1-SC744110 Datasheet
159Kb / 2P
   Power Solid State Relay
More results

Similar Description - SC74HC595B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift register
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
logo
NXP Semiconductors
74VHCT595BQ NXP-74VHCT595BQ Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com