Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC73P1601 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC73P1601
Description  4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P1601 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC73P1601 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P1601 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SC73P1601
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2009.08.03
Http: www.silan.com.cn
Page 6 of 22
2. MBR
Memory buffer register (MBR) is write-only, higher 4-bit of the program pointer. The EPROM of SC73P1601
can be divided into 8 blocks. Each block is 128 bytes. The 8 blocks can be addressed by the MBR. When the
program starts executing a branch instruction, it must load the corresponding value to the MBR register, and then
executes the command BSS label.
3. STACK
Stack register stores the previous value of program pointer during execution of subroutine calls, 11 bits. There
is two-level hardware stack register, so two-level programs can be called. When the user tries to make more than
two-level program call, an error will occur.
4. B, H, D
Referred to as the pointer to data table. BHD are separately 2 bits, 4 bits and 4 bits. The 1K EPROM space of
SC73P1601 can be used as the data table which can be diplex with program space. When addressing the fixed
data of EPROM, the registers act as the pointers to the data table (to form the EPROM address according to
BHD order). In other cases, the H, D registers can be used as general purpose registers. Fixed data stored in the
data table can be addressed by the transmit instructions. When executing the transmit-instructions, the program
will look for the data from the correspond space of EPROM. The low 10 bits address of the EPROM are
composed of two lower bits of B , four bits of H and four bits of D.
When the most significant bit is 1, P53 transmits the data with carrier; while the most significant bit is 0, P53
transmits the data without carrier. The second bit of B is of no real use, and it is set 0 by the software at program
imitation.
5. PROM
Address
1k x 9bits
000H
001H
002H
01FH
Subroutine call start address
020H
3FFH
Normal program Area
(can be duplex as data table)
6. CH0、CH1、CL0、CL1
CH0, CH1, CL0, CL1 are carrier high and low level control registers, which can control the high-low level of
carrier is (CH+1)/fosc and(CL+1)/fosc.


Similar Part No. - SC73P1601

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73P2602RC2 SILAN-SC73P2602RC2 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC2TR SILAN-SC73P2602RC2TR Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3 SILAN-SC73P2602RC3 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RC3TR SILAN-SC73P2602RC3TR Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
SC73P2602RD2 SILAN-SC73P2602RD2 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
More results

Similar Description - SC73P1601

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com